Part Number Hot Search : 
1N540007 331M1 00BZI 4060BD T71C15DC EL4093C FPT100B GL128P11
Product Description
Full Text Search
 

To Download IPM6220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS ES I G WD T NE M EN F OR DED EPLACE 04) EN R 20 MM Feb. ECO DataNDED OT R COMME Sheet ble ila N (Ava RE 232 I S L6
TM
IPM6220
December 2000 FN4903.1
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
The IPM6220 provides a highly integrated power control and protection solution for five output voltages required in highperformance notebook PC applications. The IC integrates three fixed frequency pulse-width-modulation (PWM) controllers and two linear regulators along with monitoring and protection circuitry into a single 24 lead SSOP package. The two PWM controllers that regulate the system main 5V and 3.3V voltages are implemented with synchronousrectified buck converters. Synchronous rectification and hysteretic operation at light loads contribute to high efficiency over a wide range of input voltage and load variation. Efficiency is further enhanced by using the lower MOSFET's rDS(ON) as the current sense element. Input voltage feedforward ramp modulation, current-mode control, and internal feed-back compensation provide fast and stable handling of input voltage load transients encountered in advanced portable computer chip sets. The third PWM controller is a boost converter that regulates a resistor selectable output voltage of nominally 12V. Two internal linear regulators provide +5V ALWAYS and +3.3V ALWAYS low current outputs required by the notebook system controller.
Features
* Provides Five Regulated Voltages - +5V ALWAYS - +3.3V ALWAYS - +5V Main - +3.3V Main - +12V * High Efficiency Over Wide Line and Load Range - Synchronous Buck Converters on Main Outputs - Hysteretic Operation at Light Load * No Current-Sense Resistor Required - Uses MOSFET's rDS(ON) - Optional Current-Sense Resistor for More Precision * Operates Directly From Battery 5.6 to 22V Input * Input Undervoltage Lock-Out (UVLO) * Excellent Dynamic Response - Voltage Feed-Forward and Current-Mode Control * Monitors Output Voltages * Synchronous Converters Operate Out of Phase * Separate Shut-Down Pins for Advanced Configuration and Power Interface (ACPI) Compatibility * 300kHz Fixed Switching Frequency on Main Outputs * Thermal Shut-Down Protection
Ordering Information
PART NUMBER IPM6220CA IPM6220EVAL1 TEMP. RANGE (oC) 0 to 70 PACKAGE 24 Ld SSOP PKG. NO. M24.15
Applications
* Mobile PCs * Hand-Held Portable Instruments
Evaluation Board
Pinout
IPM6220 (SSOP) TOP VIEW
VBATT 1 3.3V ALWAYS 2 BOOT2 3 UGATE2 4 PHASE2 5 5V ALWAYS 6 LGATE2 7 PGND2 8 ISEN2 9 VSEN2 10 SDWN2 11 PGOOD 12 24 BOOT1 23 UGATE1 22 PHASE1 21 ISEN1 20 LGATE1 19 PGND1 18 VSEN1 17 SDWN1 16 GATE3 15 VSEN3 14 GND 13 SDWNALL
Related Literature
* Application Note AN9915
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
Block Diagram
VSEN3 GATE3 VBATT UVFLT GND GATE LOGIC 1 HI BOOST CONTROLLER RAMP 2 CLK 200ns CLK1 RAMP 1 POWER-ON RESET (POR) POR DEADTIME REF BOOT2 UGATE2 PHASE2 HGDR2 PWMMD2 GATE LOGIC 2 HI SHUTOFF OC COMP1 VCC LGATE2 PGND2 VSEN2 LGDR2 LO OVP2 HYST COMP2 CLK2 + OC COMP2 2.8V EA2 REF + PWM MODE 2 PWMMD2 R1 = 20K + UVFLT LGATE2 OVP1 OVP2 LGATE2 OUTPUT VOLTAGE MONITOR PGOOD LDO2 REF 3.3V-ALWAYS 5V-ALWAYS VOLTSECOND CLAMP + + + + OC LOGIC2 VCC PWM LATCH 2 DQ R >Q SDWN LDO1 REFERENCE VCC SDWN AND SOFT START 2.5V SDWNALL SDWN2 VBATT VSEN1 LGATE1 DEADTIME PWM/HYST PWM ON HYST ON PWM VCC LATCH 1 QD R Q< + OC LOGIC1 + + EA1 + REF VOLTSECOND CLAMP PWMMD1 VCC LGDR1 LO OVP1 HYST COMP1 + CLK1 PGND1 VSEN1 LGATE1 PWM/HYST PWM ON HYST ON SHUTOFF PWMMD1 PHASE1 HGDR1 BOOT1 UGATE1
CLK1
CLK2
2
ISEN2
IPM6220
+ - PWM MODE 1 R1 = 20K + LGATE1 POR SDWN1 ISEN1
FIGURE 1.
IPM6220 Simplified Power System Diagram
VBATT VBATT Q1 3.3V ALWAYS LINEAR CONTROLLER LINEAR CONTROLLER 5V MAIN PWM1 CONTROLLER Q2
5V ALWAYS
IPM6220
VBATT Q1 3.3V MAIN PWM2 CONTROLLER Q2
VOLTAGE, CURRENT MONITORS
PGOOD
12V BOOST
PWM3 CONTROLLER
FIGURE 2.
Typical Application
+VBATT
PROCESSOR SDWN1 SDWN2 5V MAIN 3.3V MAIN 5V ALWAYS 3.3V ALWAYS 12V PCM CIA ENABLE C8051 VID CODE SDWN VI/O I/O CLOCK RESET VCORE
P CORE
IPM6220
IPM6210
VCLOCK PGOOD PGOOD
SDWNALL ON/OFF
FIGURE 3.
3
IPM6220
I
Absolute Maximum Ratings
Input Voltage, VBATT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +29.0V Phase, ISEN and SDWNALL Pins . . . . . . . . . . . GND -0.3V to +29.0V Boot and UGATE Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +29.0V BOOT1, 2 with Respect to PHASE1, 2 . . . . . . . . . . . . . . . . . . . +6.5V All Other Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) JC (oC/W) SSOP Package . . . . . . . . . . . . . . . . . . 88 28.5 Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC (SSOP - Lead Tips Only)
Operating Conditions
Input Voltage, VBATT . . . . . . . . . . . . . . . . . . . . . . . . +5.6V to +22.0V Ambient Temperature Range. . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Junction Temperature Range . . . . . . . . . . . . . . . . . . . 0oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
PARAMETER Input Quiescent Current Stand-by Current Shut-down Current Input Under-voltage Lock Out Input Under-voltage Lock Out OSCILLATOR PWM1,2 Oscillator Frequency REFERENCE AND SOFT START Internal Reference Voltage Reference Voltage Accuracy
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System Diagrams, and Typical Application Schematic SYMBOL ICC ICCSB ICCSN UVLO UVLO TEST CONDITIONS SDWN1 = SDWN2 = 5V, SDWNALL = VIN, Outputs open circuited SDWN1 = SDWN2 = 0V, SDWNALL = VIN, Outputs open circuited SDWNALL = 0V Rising VBATT VBATT, Hysteresis MIN 4.3 TYP 1.4 300 <1.0 4.7 150 5.1 MAX 2.0 UNITS mA A A V mV
Fc1,2
255
300
345
kHz
VREF
-1.0
2.472 5
+1.0 -
V % A
SDWN1, SDWN2 Output Current During Start-up PWM1 CONVERTER, 5V Main Output Voltage Line and Load Regulation Under-Voltage Shut-Down Level Current Limit Threshold Over-Voltage Threshold Maximum Duty Cycle PWM2 CONVERTER, 3.3V Main Output Voltage Line and Load Regulation Under-Voltage Shut-Down Level Current Limit Threshold Over-Voltage Threshold Maximum Duty Cycle
ISS
-
VOUT1 0.0 < IVOUT1 < 5.0A; 5.6V < VBATT < 22.0V VUV1 IOC2 VOVP1 DCMAX 2s delay, % Feedback Voltage at VSNS1 pin Current from ISNS1 Pin Through RSNS1 2s delay, % Feedback Voltage at VSNS1 pin SDWN1 > 4.0V -2 70 90 110
5.0 0.5 75 135 115 94 +2 80 180 120
V % % A % %
VOUT2 0.0 < IVOUT2 < 5.0A; 5.6V < VBATT < 24.0V VUV2 IOC2 VOVP2 DCMAX 2s delay, % Feedback Voltage at VSNS2 pin Current from ISNS2 Pin Through RSNS2 2s delay, % Feedback Voltage at VSNS2 pin SDWN2 > 4.0V -2 70 90 110
3.3 0.5 75 135 115 94 +2 80 180 120
V % % A % %
4
IPM6220
Electrical Specifications
PARAMETER Internal Resistance to GND on VSNS2 Pin Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System Diagrams, and Typical Application Schematic (Continued) SYMBOL RVSNS2 TEST CONDITIONS MIN TYP 66K MAX UNITS
PWM1 and PWM2 CONTROLLER GATE DRIVERS Upper Drive Pull-Up Resistance Upper Drive Pull-Down Resistance Lower Drive Pull-Up Resistance Lower Drive Pull-Down Resistance PWM 3 CONVERTER 12V Feedback Regulation Voltage 12V Feedback Regulation Voltage Input Current Line and Load Regulation Under-Voltage Shut-Down Level Over-Voltage Threshold PWM3 Oscillator Frequency Maximum Duty Cycle PWM 3 CONTROLLER GATE DRIVERS Pull-Up Resistance Pull-Down Resistance 5V and 3.3V ALWAYS Linear Regulator Accuracy 5V ALWAYS Output Voltage Regulation Maximum Output Current Current Limit 5V ALWAYS Under-Voltage Shut-Down Bypass Switch rDS(ON) POWER GOOD AND CONTROL FUNCTIONS Power Good Threshold for PWM1 and PWM2 Output Voltages PGOOD Leakage Current PGOOD Voltage Low PGOOD Minimum Pulse Width SDWN1, 2, - Low (Off) SDWN1, 2, - High (On) SDWNALL - High (On) SDWNALL - Low (Off) Over-Temperature Shutdown Over-Temperature Hysteresis SDWNALL, Hysteresis IPGLKG VPGOOD TPGmin VPULLUP = 5.0V IPGOOD = -4mA -14 -12 0.2 10 0.8 4.3 2.4 40 150 25 -10 1.0 0.5 % A V s V V V mV
oC oC
R2UGPUP R2UGPDN R2LGPUP R2LGPDN
-
7 4 6 5
12 10 9 8

VSEN3 IVSEN3 0.0 < IVOUT3 < 120mA, 4.9V< 5VMain <5.1V VUV3 VOVP3 Fc3 2s delay, % Feedback Voltage at VSNS3 pin 2s delay, % Feedback Voltage at VSNS3 pin 85 -2 70
2.472 0.1 1.0 +2 75 115 100 33 80 120 115
V A % % % kHz %
R3GPUP R3GPDN
6 6
12 12

PWM1, 5V Output OFF (SDWN1 = 0V); 5.6V < VBATT < 22V; 0 < ILOAD < 50mA PWM1, 5V Output ON (SDWN1 = 5V); 0 < ILOAD < 50mA Combined 5V ALWAYS and 3.3V ALWAYS Combined 5V ALWAYS and 3.3V ALWAYS
-2.0 -3.3 50 100
0.5 1.0
+2.0 +2.0
% % mA
180 75
mA %
PWM1, 5V Output ON (SDWN1 = 5V)
1.3
5
IPM6220 Functional Pin Descriptions
VBATT (Pin 1)
Supplies all the power necessary to operate the chip. The IC starts to operate when the voltage on this pin exceeds 4.7V and stops operating when the voltage on this pin drops below approximately 4.5V. Also provides battery voltage to the oscillator for feed-forward rejection to input voltage variations. controllers. The PGOOD, overvoltage protection (OVP) and undervoltage shutdown circuits use these signals to determine output-voltage status and/or to initiate undervoltage shut down. The VSEN1 input is also switched internally to the 5V ALWAYS output if the +5V Main output is enabled.
SDWNALL (Pin 13)
This pin provides enable/disable function for all outputs. The chip is completely disabled when this pin is pulled to ground. When this pin is pulled high, the 5V ALWAYS and 3.3 ALWAYS outputs are on and the other outputs are enabled. The state of 5V Main and 3.3V Main outputs depend on the voltage on SDWN1 and SDWN2 respectively. See Table 1.
3.3V ALWAYS (Pin 2)
Output of 3.3V ALWAYS linear regulator.
5V ALWAYS (Pin 6)
Output of 5V ALWAYS linear regulator or the +5V Main output. If the +5V Main output is enabled, it is switched internally from the VSEN1 pin to the 5V ALWAYS output. This improves efficiency and reduces the power dissipation in the controller.
SDWN1 (Pin 17)
This pin provides enable/disable function and soft-start for the PWM1, 5V Main, output. The output is enabled when this pin is high and SDWNALL is also high. The 5V output is held off when the pin is pulled to the ground.
BOOT1, BOOT2 (Pins 24 and 3)
Power is supplied to the upper MOSFET drivers of PWM1 and PWM2 converters via the BOOT pins. Connect these pins to the respective junctions of bootstrap capacitors with the cathodes of the bootstrap diodes. Anodes of the bootstrap diodes are connected to pin 6, 5V ALWAYS.
SDWN2 (Pin 11)
This pin provides enable/disable function and soft-start for PWM2, 3.3V Main, output. The output is enabled when this pin is high and SDWNALL is also high. The 3.3V output is held off when the pin is pulled to the ground.
UGATE1, UGATE2 (Pins 23 and 4)
These pins provide the gate drive for the upper MOSFETs. Connect UGATE pins to the respective PWM converter's upper MOSFET gate.
VSEN3 (Pin 15)
This input pin is the voltage feedback signal for PWM3, the boost controller. The boost controller regulates this point to a voltage divided level of 2.472 VDC. The PGOOD, overvoltage protection (OVP) and undervoltage shutdown circuits use this signal to determine output-voltage status and/or to initiate undervoltage shut down. This pin can also be used to independently disable the PWM3 controller. Connect this pin to 5V ALWAYS if the boost converter is not populated in your design.
PHASE1, PHASE2 (Pins 22 and 5)
The phase nodes are the junctions of the upper MOSFET sources, output filter inductors, and lower MOSFET drains. Connect the PHASE pins directly to the respective PWM converter's lower MOSFET drain.
ISEN1, ISEN2 (Pins 21 and 9)
These pins are used to monitor the voltage drop across the lower MOSFETs for current feedback and current-limit protection. For more precise current detection, these inputs can be connected to optional current sense resistors placed in series with the sources of the lower MOSFETs.
GATE3 (Pin 16)
This pin drives the gate of the boost MOSFET.
PGOOD (Pin 12)
PGOOD is an open drain output used to indicate the status of the PWM converters' output voltages. This pin is pulled low when any of the outputs except PWM3 (12V) is not within -10% of respective nominal voltages, or when PWM3 (12V) is not within its undervoltage and overvoltage thresholds.
LGATE1, LGATE 2 (Pins 20 and 7)
These pins provide the gate drive for the lower MOSFETs. Connect the lower MOSFET gate of each converter to the corresponding pin.
PGND1, PGND2 (Pins 19 and 8)
These are the lower MOSFET gate drive return connection for PWM1 and PWM2 converters, respectively. Tie each lower MOSFET source directly to the corresponding pin.
GND (Pin 14)
Signal ground for the IC. All voltage levels are measured with respect to this pin.
General Description
The IPM6220 addresses the system electronics power needs of modern notebook and sub-notebook PCs. The IC integrates control circuits for two synchronous buck
VSEN1, VSEN2 (Pins 18, 10)
These pins are connected to the main outputs and provide the voltage feedback signal for the respective PWM
6
IPM6220
converters for 5V Main and 3.3V Main buses, two linear regulators for 3.3V ALWAYS and 5V ALWAYS, and a 12V boost converter. The two synchronous converters operate out of phase to substantially reduce the input-current ripple, minimizing input filter requirements, minimizing battery heating and prolonging battery life. The 12V boost controller uses a 100kHz clock derived from the main clock. This controller uses leading edge modulation with the maximum duty cycle limited to 33%. The chip has three input control lines SDWN1, SDWN2 and SDWNALL. These are provided for Advanced Configuration and Power Interface (ACPI) compatibility. They turn on and off all outputs, as well as provide independent control of the 3.3V Main and +5V Main outputs. To maximize efficiency for the 5V Main and 3.3V Main outputs, the current-sense technique is based on the lower MOSFET rDS(ON). Light-load efficiency is further enhanced by a hysteretic mode of operation which is automatically engaged at light loads when the inductor current becomes discontinuous.
Rcs Vo RSNS = ----------------- Iocdc + ---------------------------------------- - 100 135A L x 2 x 300kHz
VIN = 10.8V 5A
IL3.3V (2A/DIV.)
3.3V PHASE (10V/DIV.)
0 A, V 5A IL5V (2A/DIV.)
0 A, V 5V PHASE (10V/DIV.) 1s/DIV.
FIGURE 4. OUT OF PHASE OPERATION
3.3V Main and 5V Main Architecture
These main outputs are generated from the unregulated battery input by two independent synchronous buck converters. The IC integrates all the components required for output voltage setpoint and feedback compensation, significantly reducing the number of external components, saving board space and parts cost. The buck PWM controllers employ a 300kHz fixed frequency current-mode control scheme with input voltage feedforward ramp programming for better rejection of input voltage variations. Figure 4 shows the out-of-phase operation for the 3.3V Main and 5V Main outputs. The phase node is the junction of the upper MOSFET, lower MOSFET and the output inductor. The phase node is high when the upper MOSFET is conducting and the inductor current rises accordingly. When the phase node is low, the lower MOSFET is conducting and the inductor current is ramping down as shown.
where IOCDC is the desired DC overcurrent limit; RCS is either the rDS(ON) of the lower MOSFET, or the value of the optional current-sense resistor, Vo is the output voltage and L is the output inductor. Also, the value of RCS should be specified for the expected maximum operating temperature. The sensed voltage, and the resulting current out of the ISEN pin through RSNS, is used for current feedback and current limit protection. This is compared with an internal current limit threshold. When a sampled value of the output current is determined to be above the current limit threshold, the PWM drive is terminated and a counter is initiated. This limits the inductor current build-up and essentially switches the converter into current-limit mode. If an overcurrent is detected between 26s to 53s later, an overcurrent shutdown is initiated. If during the 26s to 53s period, an overcurrent is not detected, the counter is reset and sampling continues as normal. This current limit scheme has proven to be very robust in applications like portable computers where fast inductor current build-up is common due to a large difference between input and output voltages and a low value of the inductor.
Current Sensing and Current Limit Protection
Both PWM converters use the lower MOSFET on-state resistance, rDS(ON), as the current-sensing element. This technique eliminates the need for a current sense resistor and the associated power losses. If more accurate current protection is desired, current sense resistors may be used in series with the lower MOSFETs' source. To set the current limit, place a resistor, RSNS, between the ISEN inputs and the drain of the lower MOSFET (or optional current sense resistor). The required value of the RSNS resistor is determined from the following equation:
Light-Load (Hysteretic) Operation
In the light-load (hysteretic) mode the output voltage is regulated by the hysteretic comparator which regulates the output voltage by maintaining the output voltage ripple as shown in Figure 5. In Hysteretic mode, the inductor current flows only when the output voltage reaches the lower limit of the hysteretic comparator and turns off at the upper limit. Hysteretic mode saves converter energy at light loads by supplying energy only at the time when the output voltage requires it. This mode conserves energy by reducing the power dissipation associated with continuous switching.
7
IPM6220
During the time between inductor current pulses, both the upper and lower MOSFETs are turned off. This is referred to as `diode emulation mode' because the lower MOSFET performs the function of a diode. This diode emulation mode prevents the output capacitor from discharging through the lower MOSFET when the upper MOSFET is not conducting. The gate drive is synchronized to the main clock, so the outof-phase timing is maintained in hysteretic mode. Such a scheme insures a seamless transition between the operational modes.
VOUT
The mode change from hysteretic to PWM can be caused by one of two events. One event is the same mechanism that causes a PWM to hysteretic transition. But instead of looking for eight consecutive positive occurrences on the phase node, it is looking for eight consecutive negative occurrences on the phase node. The operation mode will be changed from hysteretic to PWM when these eight consecutive pulses occur. This transition technique prevents jitter of the operation mode at load levels close to boundary. The other mechanism for changing from hysteretic to PWM is due to a sudden increase in the output current. This step load causes an instantaneous decrease in the output voltage due to the voltage drop on the output capacitor ESR. If the decrease causes the output voltage to drop below the hysteretic regulation level, the mode is changed to PWM on the next clock cycle. This insures the full power required by the increase in output current.
t
IL
t
PHASE COMP 12345 678 MODE OF OPERATION PWM HYSTERETIC
t IL t
t
FIGURE 5. REGULATION IN HYSTERETIC MODE
Operation-Mode Control
The mode-control circuit changes the converter's mode of operation based on the voltage polarity of the phase node when the lower MOSFET is conducting and just before the upper MOSFET turns on. For continuous inductor current, the phase node is negative when the lower MOSFET is conducting and the converters operate in fixed-frequency PWM mode as shown in Figure 6. When the load current decreases to the point where the inductor current flow through the lower MOSFET in the `reverse' direction, the phase node becomes positive, and the mode is changed to hysteretic. A phase comparator handles the timing of the phase node voltage sensing. A low level on the phase comparator output indicates a negative phase voltage during the conduction time of the lower MOSFET. A high level on the phase comparator output indicates a positive phase voltage. When the phase node is positive (phase comparator high), at the end of the lower MOSFET conduction time, for eight consecutive clock cycles, the mode is changed to hysteretic as shown in Figure 6. The dashed lines indicate when the phase node goes positive and the phase comparator output goes high. The solid vertical lines at 1,2,...8 indicate the sampling time, of the phase comparator, to determine the polarity (sign) of the phase node. At the transition between PWM and hysteretic mode both the upper and lower MOSFETs are turned off. The phase node will `ring' based on the output inductor and the parasitic capacitance on the phase node and settle out at the value of the output voltage.
PHASE NODE
t 1 2 3 4 5 6 7 8
PHASE COMP MODE OF OPERATION
t PWM HYSTERETIC t
FIGURE 6. MODE CONTROL WAVEFORMS
Gate Control Logic
The gate control logic translates generated PWM control signals into the MOSFET gate drive signals providing necessary amplification, level shifting and shoot-through protection. Also, it has functions that help optimize the IC performance over a wide range of operational conditions. Since MOSFET switching time can vary dramatically from type to type and with the input voltage, the gate control logic provides adaptive dead time by monitoring the gate-tosource voltages of both upper and lower MOSFETs. The lower MOSFET is not turned on until the gate-to-source voltage of the upper MOSFET has decreased to less than approximately 1 volt. Similarly, the upper MOSFET is not turned on until the gate-to-source voltage of the lower MOSFET has decreased to less than approximately 1 volt. This allows a wide variety of upper and lower MOSFETs to be used without a concern for simultaneous conduction, or shoot-through.
8
IPM6220
3.3V Main and 5V Main Soft Start, Sequencing and Stand-by
See Table 1 for the output voltage control algorithm. The 5V Main and 3.3V Main converters are enabled if SDWN1 and SDWN2 are high and SDWNALL is also high. The stand-by mode is defined as a condition when SDWN1 and SDWN2 are low and the PWM converters are disabled but SDWNALL is high (3.3V ALWAYS and 5V ALWAYS outputs are enabled). In this power saving mode, only the low power micro-controller and keyboard may be powered.
TABLE 1. OUTPUT VOLTAGE CONTROL SDWNALL SDWN1 0 1 1 1 1 X 0 1 0 1 SDWN2 X 0 0 1 1 3V AND 5V ALWAYS 5V MAIN 3V MAIN OFF ON ON ON ON OFF OFF ON OFF ON OFF OFF OFF ON ON
and 5V ALWAYS outputs. With the 3.3V Main and 5V Main outputs enabled, at T1, the internal 5A current sources start charging the soft start capacitors on the SDWN1 and SDWN2 pins. At T2 the outputs begin to rise and because they both have the same value of soft-start capacitors, 0.022F, they both reach regulation at the same time, T3. The soft-start capacitors continue to charge and are completely charged at T4.
12V Converter Architecture
The 12V boost converter generates its output voltage from the 5V Main output. An external MOSFET, inductor, diode and capacitor are required to complete the circuit. The output signal is fed back to the controller via an external resistive divider. The boost controller can be disabled by connecting the VSEN3 pin to 5V ALWAYS. The control circuit for the 12V converter consists of a 3:1 frequency divider which drives a ramp generator and resets a PWM latch as shown in Figure 8. The width of the CLK/3 pulses is equal to the period of the main clock, limiting the duty cycle to 33%. The output of a non-inverting error amplifier is compared with the rising ramp voltage. When the ramp voltage becomes higher than the error signal, the PWM comparator sets the latch and the output of the gate driver is pulled high providing leading edge, voltage mode PWM. The falling edge of the CLK/3 pulses resets the latch and pulls the output of the gate driver low.
VSEN3 + EA3 GATE3 PWM PWM COMPARATOR LATCH 3 SQ RAMP RQ +
Soft start of the 3.3V Main and 5V Main converters is accomplished by means of capacitors connected from pins SDWN1 and SDWN2 to ground. In conjunction with 5A internal current sources, they provide a controlled rise of the 3.3V Main and 5V Main output voltages. The value of the soft-start capacitors can be calculated from the following expression.
5A x Tss Css = --------------------------3.5V
Where Tss is the desired soft-start time. By varying the values of the soft-start capacitors, it is possible to provide sequencing of the main outputs at start-up. Figure 7 shows the soft-start initiated by the SDWNALL pin being pulled high with the Vbatt input at 10.8V and the resulting 3.3V Main and 5V Main outputs.
VIN = 10.8V SDWNALL,10V/DIV. CLK/3 RAMP SDWN2, 2V/DIV. 0V VEA3 3.3VOUT , 2V/DIV. GATE3 REF CLK/3 CLK DIVIDER 3:1
-
CLK/3
RAMP GENERATOR
CLK
t t t t
SDWN1, 2V/DIV.
FIGURE 8. 12V BOOST OPERATION
0V
5VOUT , 2V/DIV. 4ms/DIV. T0 T1 T2 T3 T4
The 33% maximum duty cycle of the converter guarantees discontinuous inductor current and unconditional stability over all operating conditions. The boost converter with the limited duty cycle and discontinuous inductor current can deliver to the load a limited amount of power before the output voltage starts to drop. When the duty cycle has reached DMAX, the control
FIGURE 7. SOFT START ON 3.3V AND 5V OUTPUTS
While the SDWNALL pin is held low, prior to T0, all outputs are off. Pulling SDWNALL high enables the 3.3V ALWAYS
9
IPM6220
loop is operating open circuit and the output voltage varies with the output load resistance, Ro, as given by:
Ro Vo = Vin x Dmax ------------------ 2 ( LxF )
MOSFET is turned off and the lower MOSFET is turned on. This `soft-crowbar' condition will be maintained until the output voltage returns to the regulation window and then normal operation will continue. This `soft-crowbar' and monitoring of the output, prevents the output voltage from ringing negative as the inductor current flows in the `reverse' direction through the lower MOSFET and output capacitors.
Where Vin is the 5V Main voltage, Dmax = 0.33, L is the value of the boost inductor, L3, and F = 100kHz. This provides automatic output current limiting. When the maximum duty cycle has been reached and for a given inductor, a further reduction in Ro by one-half will pull the output voltage down to 0.707 of nominal and cause an under-voltage condition. The 12V converter starts to operate at the same time as the 5V Main converter. The rising voltage on the 5V Main output and the 33% duty cycle limit provides a similar soft-start, as the 5V Main, for the 12V output.
Over-Temperature Protection
The IC incorporates an over-temperature protection circuit that shuts all the outputs down when the die temperature exceeds 150oC. Normal operation is automatically restored when the die temperature cools to 125oC.
Component Selection Guidelines
Output Capacitor Selection
The output capacitors for each output have unique requirements. In general, the output capacitors should be selected to meet the dynamic regulation requirements including ripple voltage and load transients.
3V ALWAYS, 5V ALWAYS Linear Regulators
The 3.3V ALWAYS and 5V ALWAYS outputs are derived from the battery voltage and are the first voltages available in the notebook when power on is initiated. The 5V ALWAYS output is generated directly from the battery voltage by a linear regulator. It is used to power the system microcontroller and to internally power the chip and the gate drivers. The 3.3V ALWAYS output is generated from the 5V ALWAYS output and may be used to power the keyboard controller or other peripherals. The combined current capability of these outputs is 50mA. When the 5V Main output is greater than it's undervoltage level, it is switched to the 5V ALWAYS output via an internal 1.3 MOSFET switch. Simultaneously, the 5V ALWAYS linear regulator is disabled to prevent excessive power dissipation. The rise time of the 5V ALWAYS is determined by the value of the output capacitance on the 5V and 3.3V ALWAYS outputs. The internal regulator is current limited to about 180mA, so the start up time is approximately:
5V t = C OUT x ------------------180mA
3.3V Main and 5V Main PWM Output Capacitors
Selection of the output capacitors is also dependent on the output inductor so some inductor analysis is required to select the output capacitors. One of the parameters limiting the converter's response to a load transient is the time required for the inductor current to slew to it's new level. Given a sufficiently fast control loop design, the IPM6220 will provide either 0% or 94% duty cycle in response to a load transient. The response time is the time interval required to slew the inductor current from an initial current value to the load current level. During this interval the difference between the inductor current and the transient current level must be supplied by the output capacitor(s). Minimizing the response time can minimize the output capacitance required. Also, if the load transient rise time is slower than the inductor response time, as in a hard drive or CD drive, this reduces the requirement on the output capacitor. The maximum capacitor value required to provide the full, rising step, transient load current during the response time of the inductor is:
I TRAN L O x I TRAN C OUT = --------------------------------------------- x -------------------( V IN - V OUT ) x 2 DV OUT
Where COUT is the sum of the capacitances on the 5V and 3.3V ALWAYS outputs.
Power Good Status
The IPM6220 monitors all the output voltages except for the 3.3V ALWAYS. A single power-good signal, PGOOD, is issued when soft-start is completed and all monitored outputs are within 10% of their respective set points. After the soft-start sequence is completed, undervoltage protection latches the chip off when any of the monitored outputs drop below 75% of its set point. A `soft-crowbar' function is implemented for an overvoltage on the 3.3V Main or 5V Main outputs. If the output voltage goes above 115% of their nominal output level, the upper 10
Where: COUT is the output capacitor(s) required, LO is the output inductor, ITRAN is the transient load current step, VIN is the input voltage, VOUT is output voltage, and VOUT is the drop in output voltage allowed during the load transient. High frequency capacitors initially supply the transient current and slow the load rate-of-change seen by the bulk capacitors. The bulk filter capacitor values are generally
IPM6220
determined by the ESR (Equivalent Series Resistance) and voltage rating requirements as well as actual capacitance requirements. The output voltage ripple is due to the inductor ripple current and the ESR of the output capacitors as defined by:
V RIPPLE = I L x ESR
expression is given in the capacitor selection section and the ripple current is approximated by the following equation:
V IN - V OUT V OUT I L = ------------------------------- x --------------V IN FS x L
Input Capacitor Selection
The important parameters for the bulk input capacitor(s) are the voltage rating and the RMS current rating. For reliable operation, select bulk input capacitors with voltage and current ratings above the maximum input voltage and largest RMS current required by the circuit. The capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and 1.5 times is a conservative guideline. The AC RMS input current varies with load as shown in Figure 9. Depending on the specifics of the input power and it's impedance, most (or all) of this current is supplied by the input capacitor(s). Figure 9 also shows the advantage of having the PWM converters operating out of phase. If the converters were operating in phase, the combined RMS current would be the algebraic sum, which is a much larger value as shown. The combined out-of-phase current is the square root of the sum of the square of the individual reflected currents and is significantly less than the combined in-phase current.
5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0
where, IL is calculated in the Inductor Selection section. High frequency decoupling capacitors should be placed as close to the power pins of the load as physically possible. Be careful not to add inductance in the circuit board wiring that could cancel the usefulness of these low inductance components. Consult with the manufacturer of the load circuitry for specific decoupling requirements. Use only specialized low-ESR capacitors intended for switching-regulator applications, at 300kHz, for the bulk capacitors. In most cases, multiple electrolytic capacitors of small case size perform better than a single large case capacitor. The stability requirement on the selection of the output capacitor is that the `ESR zero', fZ, be between 1.2kHz and 30kHz. This range is set by an internal, single compensation zero at 6kHz. The ESR zero can be a factor of five on either side of the internal zero and still contribute to increased phase margin of the control loop. Therefore:
1 C OUT = ------------------------------------------2 x x ESR x f Z
INPUT RMS CURRENT
IN PHASE
In conclusion, the output capacitors must meet three criteria: By varying the values of the soft-start capacitors, it is possible to provide sequencing of the main outputs at start-up. 1. They must have sufficient bulk capacitance to sustain the output voltage during a load transient while the output inductor current is slewing to the value of the load transient 2. The ESR must be sufficiently low to meet the desired output voltage ripple due to the output inductor current, and 3. The ESR zero should be placed, in a rather large range, to provide additional phase margin.
OUT OF PHASE 5V 3.3V
1
2 3 3.3V AND 5V LOAD CURRENT
4
5
FIGURE 9. INPUT RMS CURRENT vs LOAD
3.3V ALWAYS and 5V ALWAYS Output Capacitors
The output capacitors for the linear regulators insure stability and provide dynamic load current. The 3.3V ALWAYS and the 5V ALWAYS linear regulators should have, as a minimum, 10F capacitors on their outputs.
Use a mix of input bypass capacitors to control the voltage ripple across the MOSFETs. Use ceramic capacitors for the high frequency decoupling and bulk capacitors to supply the RMS current. Small ceramic capacitors can be placed very close to the upper MOSFET to suppress the voltage induced in the parasitic circuit impedances. For board designs that allow through-hole components, the Sanyo OS-CON(R) series offer low ESR and good temperature performance. For surface mount designs, solid tantalum capacitors can be used, but caution must be exercised with regard to the capacitor surge current rating. These capacitors must be capable of handling the surge-current at power-up. The TPS series available from AVX is surge current tested.
3.3V Main and 5V Main PWM Output Inductor Selection
The PWM converters require output inductors. The output inductor is selected to meet the output voltage ripple requirements. The inductor value determines the converter's ripple current and the ripple voltage is a function of the ripple current and output capacitor(s) ESR. The ripple voltage 11
OS-CON(R) is a registered trademark of Sanyo Electric Company, Ltd. (Japan)
IPM6220
+12V Boost Converter Inductor Selection
The inductor value is chosen to provide the required output power to the load.
Vinmin 2 x Dmax 2 x Ro Lmax = ---------------------------------------------------------------2 x Vo 2 x F I O x r DS ( ON ) x V OUT I O x V IN x t SW x F S P UPPER = ----------------------------------------------------------- + ---------------------------------------------------V IN 2 I O x r DS ( ON ) x ( V IN - V OUT ) P LOWER = -------------------------------------------------------------------------------V IN
2 2
where, Vinmin is the minimum input voltage, 4.9V; Dmax = 1/3, the maximum duty cycle; Ro is the minimum load resistance; Vo is the nominal output voltage and F is the switching frequency, 100kHz.
+12V Boost Converter Output Capacitor Selection
The total capacitance on the 12V output should be chosen appropriately, so that the output voltage will be higher than the undervoltage limit (9V) when the 5V Main soft-start time has elapsed. This will avoid triggering of the 12V undervoltage protection. The maximum value of the boost capacitor, Comax that will charge to 9V in the soft start time, Tss , is shown below, where L is the value of the boost inductor.
Tss Comax = --------- x 0.115F L
dissipated by the IPM6220 and do not heat the MOSFETs. However, a large gate-charge increases the switching time, tSW which increases the upper MOSFET switching losses. Ensure that both MOSFETs are within their maximum junction temperature at high ambient temperature by calculating the temperature rise according to package thermal-resistance specifications.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with which the current transitions from one device to another causes voltage spikes across the interconnecting impedances and parasitic circuit elements. The voltage spikes can degrade efficiency, radiate noise into the circuit, and lead to device overvoltage stress. Careful component layout and printed circuit design minimizes the voltage spikes in the converter. Consider, as an example, the turn-off transition of one of the upper PWM MOSFETs. Prior to turn-off, the upper MOSFET is carrying the full load current. During the turn-off, current stops flowing in the upper MOSFET and is picked up by the lower MOSFET. Any inductance in the switched current path generates a voltage spike during the switching interval. Careful component selection, tight layout of the critical components, and short, wide circuit traces minimize the magnitude of voltage spikes. See the Application Note AN9915 for the evaluation board component placement and the printed circuit board layout details. There are two sets of critical components in a DC-DC converter using an IPM6220 controller. The switching power components are the most critical because they switch large amounts of energy, and as such, they tend to generate equally large amounts of noise. The critical small signal components are those connected to sensitive nodes or those supplying critical bias currents.
The output capacitor ESR and the boost inductor ripple current determines the output voltage ripple. The ripple voltage is given by:
V RIPPLE = I L x ESR
and the maximum ripple current, IL, is given by:
5V I L = ------- x 3.3 L
where L is the boost inductor calculated above, 5V is the boost input voltage and 3.3 is the maximum on time for the boost MOSFET.
MOSFET Considerations
The logic level MOSFETs are chosen for optimum efficiency given the potentially wide input voltage range and output power requirements. Two N-channel MOSFETs are used in each of the synchronous-rectified buck converters for the PWM1 and PWM2 outputs. These MOSFETs should be selected based upon rDS(ON) , gate supply requirements, and thermal management considerations. The power dissipation includes two loss components; conduction loss and switching loss. These losses are distributed between the upper and lower MOSFETs according to duty cycle (see the following equations). The conduction losses are the main component of power dissipation for the lower MOSFETs. Only the upper MOSFET has significant switching losses, since the lower device turns on and off into near zero voltage. The equations assume linear voltage-current transitions and do not model power loss due to the reverse-recovery of the lower MOSFET's body diode. The gate-charge losses are
Power Components Layout Considerations
The power components and the controller IC should be placed first. Locate the input capacitors, especially the highfrequency ceramic decoupling capacitors, close to the power MOSFETs. Locate the output inductor and output capacitors between the MOSFETs and the load. Locate the PWM controller close to the MOSFETs. Insure the current paths from the input capacitors to the MOSFETs, to the output inductors and output capacitors are as short as possible with maximum allowable trace widths. A multi-layer printed circuit board is recommended. Dedicate one solid layer for a ground plane and make all critical component ground connections with vias to this layer. Dedicate another solid layer as a power plane and break this plane into smaller islands of common voltage levels. The
12
IPM6220
power plane should support the input power and output power nodes. Use copper filled polygons on the top and bottom circuit layers for the phase nodes, but do not unnecessarily oversize these particular islands. Since the phase nodes are subjected to very high dV/dt voltages, the stray capacitor formed between these islands and the surrounding circuitry will tend to couple switching noise. Use the remaining printed circuit layers for small signal wiring. The wiring traces from the control IC to the MOSFET gate and source should be sized to carry 2A peak currents. This filter configuration may be helpful on both the 3.3V and 5V Main outputs.
RSNS = R19 + R9 ISEN1 R19 2K R9 200 C12 100pF
FROM PHASE NODE
FIGURE 10. NOISE FILTER FOR ISEN1 INPUT
Small Components Signal Layout Considerations
4. The VSNS1 and VSNS2 inputs should be bypassed with a 1.0F capacitor close to their respective IC pins. 5. A `T' filter consisting of a `split' RSNS and a small, 100pF, capacitor as shown in Figure 10, may be helpful in reducing noise coupling into the ISEN input. For example, if the calculated value of RSNS1 is 2.2k, dividing it as shown with a 100pF capacitor provides filtering without changing the current limit set point. For any calculated value of RSNS, keep the value of the R9 portion to approximately 200, and the remainder of the resistance in the R19 position. The 200 resistor and 100pF capacitor provide effective filtering for noise above 8MHz.
6. The bypass capacitors for VBATT and the soft-start capacitors, CSS1 and CSS2 should be located close to their connecting pins on the control IC. Minimize any leakage current paths from SDWN1 and SDWN2 nodes, since the internal current source is only 5A. 7. Refer to the Application Note AN9915 for a recommended component placement and interconnections. Figure 11 shows an application circuit of a power supply for a notebook PC microprocessor system. The power supply provides +5V ALWAYS, +3.3V ALWAYS, +5.0V, +3.3V, and 12V from +5.6-22VDC battery voltage. For detailed information on the circuit, including a Bill of Materials and circuit board description, see Application Note AN9915. Also see Intersil's web site (www.intersil.com) for the latest information.
C3, 6, 10 3x1F
+5.6-22VIN GND
C4 56F
D2 BAT54WT1
VBATT +3.3V ALWAYS (50mA) + +5V ALWAYS (50mA) + C1 100F C2 10F 5V ALWAYS 23 6 22 21 BOOT2 C7 0.15F +3.3V (5A) + Q2 HUF76112SK8 UGATE2 PHASE2 L1 8.2H C22 330F Q4 HUF76112SK8 R10, 11 ISEN2 2.2K LGATE2 PGND2 VSEN2 SDWN2 C16 0.022F PGOOD 7 8 VSEN3 10 11 15 17 SDWN1 C17 0.022F 12 14 GND 13 SDWNALL R13 24.9K 16 GATE3 UGATE1 PHASE1 ISEN1 R9, 19 2.2K LGATE1 PGND1 L2 8.2H Q5 HUF76112SK8 + C36 22F 18 VSEN1 Q5 HUF76112SK8 D3 + R14 97.6K +12V (120mA) C24, 33 2x47F L3 6.8H L4 2.7H + +5V (5A) C21, 32 2x330F 1 3.3V ALWAYS BOOT1 2 24 Q3 HUF76112SK8 C9 0.15F
D1 BAT54WT1 3
IPM6220
20 19
4 5 9
FIGURE 11. APPLICATIONS CIRCUIT
13
IPM6220 Shrink Small Outline Plastic Packages (SSOP)
N INDEX AREA E -B1 2 3 L SEATING PLANE -AD -CA 0.25 0.010 h x 45o GAUGE PLANE H 0.25(0.010) M BM
M24.15
24 LEAD THIN SHRINK NARROW BODY SMALL OUTLINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B C D MIN 0.053 0.004 0.008 0.007 0.337 0.150 MAX 0.069 0.010 0.061 0.012 0.010 0.344 0.157 MILLIMETERS MIN 1.35 0.10 0.20 0.18 8.55 3.81 MAX 1.75 0.25 1.54 0.30 0.25 8.74 3.98 NOTES 9 3 4 5 6 7 8o Rev. 0 12/00
A1 0.10(0.004) A2 C
E e H h L N
e
B 0.17(0.007) M C AM BS
0.025 BSC 0.228 0.0099 0.016 24 0o 8o 0.244 0.0196 0.050
0.635 BSC 5.80 0.26 0.41 24 0o 6.19 0.49 1.27
NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact.
14


▲Up To Search▲   

 
Price & Availability of IPM6220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X